PART |
Description |
Maker |
GS816032T-166 GS816036T-133 GS816036T-150 GS816036 |
Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 8x11.5 mm; Packaging: Bulk 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x11 mm; Packaging: Bulk Quad 2-input positive-NAND buffers with open collector outputs 14-PDIP 0 to 70 Quad 2-input positive-NAND buffers with open collector outputs 14-SOIC 0 to 70 Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 220uF; Voltage: 25V; Case Size: 10x16 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 2200uF; Voltage: 25V; Case Size: 18x35.5 mm; Packaging: Bulk 1M x 18/ 512K x 32/ 512K x 36 18Mb Sync Burst SRAMs Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 100uF; Voltage: 50V; Case Size: 10x20 mm; Packaging: Bulk
|
ETC Electronic Theatre Controls, Inc. http:// GSI Technology
|
ESK336M250AL4AA |
Aluminum Electrolytic, 85C, ESK, 33 uF, 20%, 250 V, -25/ 85C, Lead Spacing = 5mm
|
Kemet Corporation
|
336PBM010M 476PBM010M 685PBM016M 106PBM016M 156PBM |
85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
RN010M2ABK050110 |
ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
|
RFE international
|
V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230L |
Line Voltage Operation, Radial Lead 线电压工作,径向引线 POWER QUICC II MICROCODE Line Voltage Operation/ Radial Lead Line Voltage Operation Radial Lead
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
ESK227M160AM2AA |
Aluminum Electrolytic, 85C, ESK, 220 uF, 20%, 160 V, -25/ 85C, Lead Spacing = 7.5mm
|
Kemet Corporation
|
PS9701 PS9701-E3 PS9701-E4 PS9701-F3 PS9701-F4 PS9 |
HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 22 OHM, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES, 2.2K, 1% 高速数字输出类引脚SOP光耦合 PRECISION POWER RADIAL-LEAD FILM RES,2.20 OHM, 1% LOGIC-GATE-OUTPUT OPTOCOUPLER,1-CHANNEL,2.5KV ISOLATION,SO From old datasheet system
|
NEC, Corp. NEC Corp. NEC Electron Devices NEC[NEC]
|
GS5T48-5 |
5 W DC-DC CONVERTER Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 16x25 mm; Packaging: Bulk
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
S758X43000183L6R |
Cap Ceramic 0.75pF 1000V (11 X 5mm) Radial 6.4mm 85C Bulk
|
Vishay BCcomponents
|